PART |
Description |
Maker |
M80-5000000M1-05-336-00-000 M80-5000000M1-04-331-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 4 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 7 x 3.5mm PC Tail Power contacts Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, no signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5C10605M2-02-336-02-336 |
Datamate 2-Row Mix-Tek Male Crimp Connector, Jackscrews 3.5mm board mount, 6 x Small bore signal contacts, 4 x 14 AWG Power contacts
|
HARWIN INC
|
M80-316 M80-315 |
DATAMATE MIX-TEK COAX CONTACT MALE STRAIGHT CRIMP
|
Harwin Plc
|
M80-5T10422M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T204M3-11-332 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 4 x 4.5mm PC Tail signal contacts, 2 x 4.5mm PC Tail Power contacts 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4C10642F1-02-326-02-326 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Small bore signal contacts, 4 x 14 AWG Power contacts
|
HARWIN INC
|
M80-4C10805F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 8 x Small bore signal contacts, 2 x 12 AWG Power contacts
|
HARWIN INC
|
M83-LFC1F2N08-0400-325 |
Datamate 3-Row Mix-Tek Female Crimp Connector, Hex Socket jackscrews, 8 x Small bore signal contacts, 4 x 12 AWG Power contacts
|
HARWIN INC
|
M80-7101522 |
Datamate J-Tek 3-Row Male Vertical PC Tail Connector, jackscrews, selective gold tin/lead, 15 signal 2 power 17 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER
|
Harwin PLC
|
M80-4C10405F1-02-325-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 2 x 12 AWG Power contacts 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
|